Part Number Hot Search : 
2V7HCB 1N2827 MLL5931B MDP45 2SD15 LWWWG6SG 1N6010C G23AS2
Product Description
Full Text Search
 

To Download SW2R48S12UWSMF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUPERWORLD ELECTRONICS
SW2R UWSM Series - 2W Ultra-Wide Input Single & Dual SMD DC-DC Converter
SW2R UWSM PRODUCT RANGE
Model SW2R48S03UWSMF SW2R48S05UWSMF SW2R48S09UWSMF SW2R48S12UWSMF SW2R48S15UWSMF SW2R48D03UWSMF SW2R48D05UWSMF SW2R48D09UWSMF SW2R48D12UWSMF SW2R48D15UWSMF Vin (Vdc) 18-75 18-75 18-75 18-75 18-75 18-75 18-75 18-75 18-75 18-75 Vout (Vdc) 3.3 5 9 12 15 3.3 5 9 12 15 Iout (mA) 606 400 222 167 133 303 200 111 84 67 Iin (rated) (mA) 110 100 100 100 90 55 50 50 50 45 Eff. (%) 76 80 82 83 85 74 78 80 82 84
FEATURES
* * * * * * * * * Industry std 24-pin SMD package Ultra-Wide Input Range 18-75 Vdc Single & Dual 1500Vdc Isolated Outputs Operating Temp Range -40oC to 100oC High Efficiencies to 85% Continuous Short Circuit Protection Undervoltage Lock-out 2 Year Warranty Internal Input and Output Filtering
DESCRIPTION
The SW2R UWSM Series is a 1500Vdc isolated range of single and dual output 2W DC-DC converters, designed with a 4:1 input voltage range and ideal for use in a whole variety of telecoms, industrial and distributed power applications. In an industry standard surface mount packages (33 x 16 x 11 mm), the SW2R UWSM is fully encapsulated in a non-flammable plastic case (meeting UL 94V-0) and is designed to meet EN60950 and UL1950 safety standards. Continuous SC protection and UVLO are some of the many SW2R UWSM features.
MECHANICAL SPECIFICATION
Pin 1 2 3 10 11 12 13 14 15 22 23 24
Singles -Vin -Vin NC -Vout NC -Vou +Vout NC -Vout NC +Vin +Vin
Dual -Vin -Vin NC Common NC -Vout +Vout NC Common NC +Vin +Vin
SW2R48S03UWSMF
SW2R UWSM Series Product Datasheet
www.superworld.com.sg
1 of 2
SW2R UWSM INPUT SPECIFICATIONS
PARAMETER Input Current (No Load) Voltage Range Transient Input Voltage (1msec) Undervoltage Lockout Reflected Ripple Current CONDITIONS All models 18 On Off MIN TYPICAL 20 75 100 17.5 16 35 mAp-p MAX UNITS mA Vdc Vdc Vdc
SW2R UWSM OUTPUT SPECIFICATIONS
PARAMETER Rated Power Voltage Setpoint Accuracy Line Regulation Load Regulation Ripple & Noise Current Limit Output Overvoltage Clamp Temperature Coefficient Short Circuit Protection CONDITIONS All models 1% change in Vin (10% load to rated load) BW = DC to 20MHz 120% x Iout
0.008 0.5 1
MIN
TYPICAL
MAX 2.0
5 2 3
UNITS W % %
%
p-p W % Vout %/ oC second
1% 2.4 120 1
SW2R UWSM GENERAL CHARACTERISTICS
PARAMETER Temperature CONDITIONS Temperature (Ambient) Temperature (Case) Storage Isolation Test Voltage Resistance Capacitance Leakage Current MIL-HDBK-217E MIN -25 -40 -40 1500 10 20 20 150 450000 20 TYPICAL MAX 70 100 100 UNITS
o o
C C o C Vdc G pF Arms kHz hrs g
Isolation
Switching Frequency MTTF (Ta = 25 oC) Weight
Refer to Medium Power Application Note 1 for additional Performance Curves & Data
Superworld Electronics (S) Pte Ltd
16 New Industrial Road #06-01 to 08 Hudson TechnoCentre Singapore 536204 Tel : (65) 6298 2866 Fax : (65) 6298 8900 Email : sales@superworld.com.sg
SW2R UWSM Series Product Datasheet
www.superworld.com.sg
2 of 2


▲Up To Search▲   

 
Price & Availability of SW2R48S12UWSMF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X